Part Number Hot Search : 
13900 PDIUSBD1 CM2039 1N5520UR IM811 AD1586 GCM1885C M358D
Product Description
Full Text Search
 

To Download 5-1415075-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 1 n relay package consisting of pt relay, din-rail socket, plastic retaining clip, module and marking tag n 2 pole 12 a, 3 pole 10 a or 4 pole 6 a n dc- or ac coil n mechanical and electrical indicator n manual test tab, optionally lockable approvals relay: vde cert. no. 40009108, culus e214025, lloyds 00/20059 socket: vde cert. no. 40009108, culus e135149 technical data of approved types on request contact data pt2 pt3 pt5 contact confguration 2 co 3 co 4 co contact set single contact type of interruption micro disconnection rated voltage/ max. switching voltage ac 240/400vac 240/400vac 240/240vac rated current 12 a 10 a 6 a limiting continous current see derating curve maximum breaking capacity ac 3000 va 2500 va 1500 va limiting breaking capacity, max. 20 ms 24 a 20 a 12 a contact material agni90/10, agni90/10 gold plated minimum contact load 12v/10ma, 20mv/1ma gold plated rated frequency of operation with/without load 6 / 600 min -1 contact ratings for contact ratings see datasheet miniature relay pt coil data rated coil voltage range dc coil 6...220 vdc ac coil 6...230 vac operative range, iec 61810 dc coil, ac coil 50 hz 2 ac coil 60 hz at 70c 90...110% of rated voltage coil versions, dc coil coil rated operate release coil rated coil code voltage voltage voltage resistance power led+pd*) vdc vdc vdc ?10% mw lb2 12 9.0 1.2 192 750 lc4 24 18.0 2.4 777 741 *) protection diode pd coil versions, ac coil 50/60 hz coil rated operate release coil rated coil code voltage voltage voltage resistance power led 50/60 hz 50/60 hz 50/60 hz vac vac vac ? va rc4 24 19.2/21.6 7.2 19210% 1.0/0.79 sb5 115 92.0/103.5 34.5 484512% 1.0/0.86 td0 230 184.0/207.0 69.0 1946515% 1.0/0.90 all fgures are given for coil without preenergization, at ambient temperature +23c. other coil voltages on request. general purpose relays product sets relay package pt z f0274-d insulation pt2 pt3 pt5 dielectric strength coil-contact circuit 2500 v rms 2500 v rms 2500 v rms open contact circuit 1200 v rms 1200 v rms 1200 v rms adjacent contact circuits 2500 v rms 2500 v rms 2000 v rms clearance / creepage coil-contact circuit 4/4 mm 4/4 mm 4/4 mm adjacent contact circuits 3.5/9.5 mm 2.6/3.5 mm 1.8/3.5 mm material group of insulation parts iiia insulation to iec 60664-1 type of insulation coil-contact circuit basic open contact circuit micro disconnection adjacent cont. circuits basic rated insulation voltage 250 v pollution degree 2 2 2 rated voltage system 230/400 v 240 v 240 v overvoltage category iii iii iii schrack
04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 2 general purpose relays product sets relay package pt (continued) other data pt2 pt3 pt5 mechanical endurance dc coil 30 x 10 6 cycles ac coil 20 x 10 6 cycles material compliance: eu rohs/elv, china rohs, reach, halogen content refer to the product compliance support center at www.te.com/customersupport/rohssupportcenter ambient temperature range for mounting/handling -25...+70c in operation -40...+70c processing terminals screw terminal screw torque acc. iec 61984 0.5 nm max. 0.7 nm wire cross section single wire 2 x 2.5 mm 2 fne wire 2 x 2.5 mm 2 with bootlace crimp (din 46228/1) 2 x 1.5 mm 2 insertion cycles a (10) max. insertion force total 100 n mounting distance 0 mm, dense packing of sockets weight with pt78720/pt78730/pt78740 71 g 78 g 85 g with pt78722/pt78742 74 g - 90 g packaging unit 5 pcs dimensions package with pt78 720 / pt78 730 / pt78 740 s0427-d package with pt78 722 / pt78 742 s0489-ci schrack
04-2015, rev. 0415 www.te.com ? 2015 tyco electronics corporation, a te connectivity ltd. company datasheets and product specifcation according to iec 61810-1 and to be used only together with the defnitions section. datasheets and product data is subject to the terms of the disclaimer and all chapters of the defnitions section, available at http://relays.te.com/definitions datasheets, product data, defnitions sec - tion, application notes and all specifcations are subject to change. 3 product code socket retainer marking tag module relay coil part number pt2s7lb2 pt78720 pt17016 pt17040 ptml0024 pt270012 12vdc 7-1415074-1 pt2s7lc4 pt270024 24vdc 8-1415074-1 pt2s7rc4 ptmv0524 pt270r24 24vac 5-1418074-1 pt2s7sb5 ptmv0615 pt270s15 115vac 2-1415366-1 pt2s7td0 ptmv0730 pt270t30 230vac 6-1415074-1 pt3s7lb2 pt78730 ptml0024 pt370012 12vdc 1-1415075-1 pt3s7lc4 pt370024 24vdc 2-1415075-1 pt3s7rc4 ptmv0524 pt370r24 24vac 9-1415074-1 pt3s7sb5 ptmv0615 pt370s15 115vac 1-1415366-1 pt3s7td0 ptmv0730 pt370t30 230vac 1415075-1 pt5s7lb2 pt78740 ptml0024 pt570012 12vdc 9-1415075-1 pt5s7lc4 pt570024 24vdc 1415076-1 pt5s7rc4 ptmv0524 pt570r24 24vac 7-1415075-1 pt5s7sb5 ptmv0615 pt570s15 115vac 1415366-1 pt5s7td0 ptmv0730 pt570t30 230vac 8-1415075-1 pt5s8lb2 ptml0024 pt580012 12vdc 5-1415075-1 pt5s8lc4 pt580024 24vdc 6-1415075-1 pt5s8rc4 ptmv0524 pt580r24 24vac 3-1415075-1 pt5s8td0 ptmv0730 pt580t30 230vac 4-1415075-1 pt2l7lb2 pt78722 pt17021 ptml0024 pt270012 12vdc 8-1415534-7 pt2l7lc4 pt270024 24vdc 8-1415534-9 pt2l7rc4 ptmv0524 pt270r24 24vac 9-1415534-0 pt2l7sb5 ptmv0615 pt270s15 115vac 9-1415534-2 pt2l7td0 ptmv0730 pt270t30 230vac 9-1415534-4 pt5l7lb2 pt78742 ptml0024 pt570012 12vdc 1415535-7 pt5l7lc4 pt570024 24vdc 1415535-9 pt5l7rc4 ptmv0524 pt570r24 24vac 1-1415535-1 pt5l7sb5 ptmv0615 pt570s15 115vac 1-1415535-3 pt5l7td0 ptmv0730 pt570t30 230vac 1-1415535-5 pt5l8lb2 ptml0024 pt580012 12vdc 1-1415535-7 pt5l8lc4 pt580024 24vdc 1-1415535-8 pt5l8rc4 ptmv0524 pt580r24 24vac 1-1415535-9 pt5l8td0 ptmv0730 pt580t30 230vac 2-1415535-0 product code structure typical product code pt 5l 8 lc4 type pt relay package pt version 2s relay set: pt 2-pole co contacts (2 form c), red led 3s relay set: pt 3-pole co contacts (3 form c), red led 5s relay set: pt 4-pole co contacts (4 form c), red led 2l relay set: pt 2-pole co contacts (2 form c), red led, with logical arrangement of control / load terminals 5l relay set: pt 4-pole co contacts (4 form c), red led, with logical arrangement of control / load terminals contact material 7 agni 90/10, with test button 8 agni 90/10 gold plated, with test button coil lb2 12 vdc lc4 24 vdc rc4 24 vac sb5 115 vac td0 230 vac general purpose relays product sets relay package pt (continued) other types on request schrack


▲Up To Search▲   

 
Price & Availability of 5-1415075-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X